PART |
Description |
Maker |
LT1371 LT1371CR LT1371CSW LT1371CT7 LT1371HV LT137 |
From old datasheet system 500kHz High Efficiency 3A Switching Regulator
|
LINER[Linear Technology]
|
MP1496S MP1496SGJ |
High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
|
Monolithic Power System...
|
MP2325 |
High Efficiency 3A, 24V, 500kHz Synchronous Step-Down Converter
|
Monolithic Power System...
|
MP2225GJ |
High-Efficiency, 5A, 18V, 500kHz Synchronous, Step-Down Converter
|
Monolithic Power System...
|
MP28254 MP28254EL |
High Efficiency 4A, 21V, 500kHz Synchronous Step down Converter
|
Monolithic Power Systems
|
MP1499 MP1499GD |
High Efficiency 5A Peak, 16V, 500kHz Synchronous Step Down Converter
|
Monolithic Power Systems
|
LT1171HVIQTRPBF LT1172HVCQPBF LT1172HVCQTRPBF LT11 |
Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators 5.5 A SWITCHING REGULATOR, 115 kHz SWITCHING FREQ-MAX, PSSO5 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 3.5 A SWITCHING REGULATOR, 115 kHz SWITCHING FREQ-MAX, PSSO5 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 5.5 A SWITCHING REGULATOR, 115 kHz SWITCHING FREQ-MAX, PSSO5 Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators 3.5 A SWITCHING REGULATOR, 115 kHz SWITCHING FREQ-MAX, PZFM5 SMPS Controller 开关电源控制器 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?掳C to 85?掳C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LT1172 |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?掳C to 85?掳C
|
Linear Technology Corporation
|
STR-A6259H |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C
|
Allegro MicroSystems, Inc.
|
PIC17C752-33_JW PIC17C752-08I/JW PIC17C752-08I/P P |
Dual 2-Wide 2-3-Input OR-AND/OR-AND-Invert Gate; Package: SOEIAJ-16; No of Pins: 16; Container: Rail; Qty per Container: 50 高性能8位微控制器的CMOS存储 BBG ECL GATE OR/AND DUAL; Package: 20 LEAD PLLC; No of Pins: 20; Container: Tape and Reel; Qty per Container: 500 高性能8位微控制器的CMOS存储 IC-8-BIT CMOS MCU 集成电路8位CMOS微控制器 Replacement lens; Style: Replacement lens/domes; Color: Red/Yellow/Green/Blue; Diameter: 82mm square; Applicable Model: KJS(B); Material: Acrylic 高性能8位微控制器的CMOS存储 High-Performance 8-Bit CMOS EPROM Microcontrollers 高性能8位微控制器的CMOS存储 500kHz High Efficiency 3A Switching Regulator; Package: SO; No of Pins: 20; Temperature Range: 0°C to 70°C OSC 3.3V SMT 7X5 CMOS 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Circular Connector; MIL SPEC:MIL-DTL-38999 Series III; Body Material:Metal; Series:TVP00; Number of Contacts:8; Connector Shell Size:13; Connecting Termination:Crimp; Circular Shell Style:Wall Mount Receptacle; Body Style:Straight
|
Microchip Technology, Inc. Microchip Technology Inc. http://
|